PART |
Description |
Maker |
MTE53N50E MTE53N50E_D ON2535 ON2534 |
From old datasheet system TMOS POWER FET 53 AMPERES 500 VOLTS RDS(on) = 0.080 OHM 53 A, 500 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET
|
MOTOROLA[Motorola, Inc] ON Semi Motorola Mobility Holdings, Inc.
|
IXFH24N50 IXFH26N50 IXFT26N50 IXFM24N50 IXFH26N50S |
26 A, 500 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD 2MM TERMINAL STRIPS HiPerFET Power MOSFETs 24 A, 500 V, 0.23 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AE
|
IXYS[IXYS Corporation] IXYS, Corp.
|
PSO0.5 |
RESISTOR, WIRE WOUND, 1.5 W, 5; 10; 20 %, 1000; 1500; 3000 ppm, 500 ohm - 500000000 ohm, CHASSIS MOUNT ROHS COMPLIANT
|
KOA Speer Electronics,Inc.
|
S4111-46Q S4111-16Q S4111-16R S4114-46Q S4114-35Q |
MOSFET, Switching; VDSS (V): 500; ID (A): 19; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.325; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: 0.093; Package: TO-220FN MOSFET, Switching; VDSS (V): 500; ID (A): 25; Pch : -; RDS (ON) typ. (ohm) @10V: 0.21; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 103; Package: TO-3P Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR 硅光电二极管阵列16356元素硅的紫外到近红外光电二极管阵
|
Hamamatsu Photonics K.K.
|
POT3107Z-1-200 POT3107Z-1-100 POT3107Z-1-104 POT31 |
RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 20 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 10 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 100000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 200000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 250000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 500000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 1000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 200 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 2000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 20000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 25000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 5000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 500 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 50 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 50000 ohm
|
Murata Manufacturing Co., Ltd.
|
SFF440-28 |
8 AMP 500 Volts 0.88 OHM N-Channel POWER MOSFET 8 A, 500 V, 0.86 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
PPF430E |
N Channel MOSFET; Package: SMD-.5; ID (A): 2.6; RDS(on) (Ohms): 1.5; PD (W): 125; BVDSS (V): 500; Rq: 1; 4.3 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp.
|
PPF440J |
N Channel MOSFET; Package: TO-257; ID (A): 4.4; RDS(on) (Ohms): 0.85; PD (W): 60; BVDSS (V): 500; Rq: 2.1; 7 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-257AB
|
Microsemi, Corp.
|
SA80 SA51 SA110 SA100 SA43 SA22 SA45A SA150A SA48A |
5.0 thru 170 volts 500 Watts Transient Voltage Suppressors 5.0 thru 170 volts 500 Watts Transient Voltage Suppressors 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41 TOOL LONGNOSE ANTI-SHOCK SHEAR RES 21.5 OHM 1/16W .5% 0603 SMD
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-SCOTTSDALE
|
T-IXTD10P50 |
500 V, 0.9 ohm, P-CHANNEL, Si, POWER, MOSFET
|
IXYS CORP
|
NSLC420 |
2.5 A, 500 V, 3.08 ohm, N-CHANNEL, Si, POWER, MOSFET
|
MICROSEMI CORP
|
UF460L-T3P-T |
21 A, 500 V, 0.31 ohm, N-CHANNEL, Si, POWER, MOSFET
|
UNISONIC TECHNOLOGIES CO LTD
|
|